PART |
Description |
Maker |
DAC1008D75011 DAC1008D750HN |
Dual 10-bit DAC; up to 750 Msps; 2×, 4× or 8× interpolating
|
NXP Semiconductors
|
DAC1405D750HW DAC1405D75011 |
Dual 14-bit DAC, up to 750 Msps; 4x and 8x interpolating
|
NXP Semiconductors
|
AD7548 AD7548AQ AD7548BQ AD7548JN AD7548JP AD7548J |
LC2MOS 8-BIT uP COMPATIBLE 12-BIT DAC PARALLEL, WORD INPUT LOADING, 1.5 us SETTLING TIME, 8-BIT DAC, PDIP20 12-Bit, Multiplying, I<SUB>OUT</SUB> DAC, 8-Bit Bus
|
Analog Devices, Inc.
|
AD7836 AD7836AS AD7836ASZ AD7836-15 |
LC MOS Quad 14-Bit DAC Quad 14-Bit CMOS DAC on One Monolithic Chip PARALLEL, WORD INPUT LOADING, 16 us SETTLING TIME, 14-BIT DAC, PQFP44 LC2MOS Quad 14-Bit DAC
|
AD[Analog Devices]
|
AK4382 AK4382VT |
112dB 192kHz 24-BIT SCH DAC DUAL, SERIAL INPUT LOADING, 24-BIT DAC, PDSO16
|
Asahi Kasei Microsystems Co.,Ltd
|
MAX5581AEUP MAX5732BUTN MAX5732AUTN MAX5874EGKTD M |
Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs SERIAL INPUT LOADING, 3 us SETTLING TIME, 12-BIT DAC, PDSO20 32-Channel, 16-Bit, Voltage-Output DACs with Serial Interface SERIAL INPUT LOADING, 20 us SETTLING TIME, 16-BIT DAC, QCC56 14-Bit, 200Msps, High-Dynamic-Performance, Dual DAC with CMOS Inputs PARALLEL, WORD INPUT LOADING, 0.014 us SETTLING TIME, 14-BIT DAC, QCC68 Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs PARALLEL, WORD INPUT LOADING, 3 us SETTLING TIME, 10-BIT DAC, PDSO24 12-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs PARALLEL, WORD INPUT LOADING, 12-BIT DAC, QCC68 3.3V, 14-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs PARALLEL, WORD INPUT LOADING, 0.011 us SETTLING TIME, 14-BIT DAC, QCC68
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
AD7542JN AD7542TQ AD7542SQ AD7542AQ AD7542KP AD754 |
Precision 12-Bit CMOS Multiplying I-OUT DAC, 4-Bit Bus CMOS P-Compatible 12-Bit DAC CMOS uP-COMPATIBLE 12-BIT DAC PARALLEL, 4 BITS INPUT LOADING, 0.25 us SETTLING TIME, 12-BIT DAC, CDIP16
|
AD[Analog Devices] Analog Devices, Inc.
|
5962-89657023A |
Dual 12-Bit CMOS DAC with Parallel Load Input Structure; Package: LCC:CER LEADLESS CHIP CARR; No of Pins: 28; Temperature Range: Military DUAL, PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 12-BIT DAC, CQCC28
|
Analog Devices, Inc.
|
AD7547KP-REEL AD7547LRZ-REEL |
Dual 12-Bit CMOS DAC with Parallel Load Input Structure; Package: PLCC; No of Pins: 28; Temperature Range: Commercial DUAL, PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 12-BIT DAC, PQCC28 Dual 12-Bit CMOS DAC with Parallel Load Input Structure; Package: SOIC - Wide; No of Pins: 24; Temperature Range: Commercial DUAL, PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 12-BIT DAC, PDSO24
|
Analog Devices, Inc.
|
AD7835AP AD7835AS AD7834BN AD7835 AD7834AR |
14-Bit Quad DAC(14浣??D/A杞???? LC2MOS Quad 14-Bit DAC 2.35V-5.25V, 12 bit, 1MSPS, Serial ADC 6-SC70 -40 to 125 QUAD, SERIAL INPUT LOADING, 10 us SETTLING TIME, 14-BIT DAC, PDIP28 LC2MOS Quad 14-Bit DAC
|
http:// Analog Devices, Inc.
|
AD7533KRZ-REEL AD7533JP-REEL AD7533KR-REEL AD7533T |
CMOS Low Cost, 10-Bit Multiplying DAC; Package: SOIC - Wide; No of Pins: 16; Temperature Range: Commercial DUAL, PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 10-BIT DAC, PDSO16 CMOS Low Cost, 10-Bit Multiplying DAC; Package: PLCC; No of Pins: 20; Temperature Range: Commercial DUAL, PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 10-BIT DAC, PQCC20
|
Analog Devices, Inc.
|
LTC1448CN8PBF LTC1448IS8TRPBF |
Dual 12-Bit Rail-to-Rail Micropower DAC; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL, SERIAL INPUT LOADING, 14 us SETTLING TIME, 12-BIT DAC, PDIP8 Dual 12-Bit Rail-to-Rail Micropower DAC; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C DUAL, SERIAL INPUT LOADING, 14 us SETTLING TIME, 12-BIT DAC, PDSO8
|
Linear Technology, Corp.
|
|